PART |
Description |
Maker |
AM29F400AB-150FEB AM29F400AT-150FE AM29F400AT-150S |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package; A IRF3205ZS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3307 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1010Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3707 with Standard Packaging x8/x16 Flash EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF1407 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU120N with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRFZ24L IRFZ24NS IRFZ24NSTRR IRFZ24NSTRL IRFZ24NL |
(159.21 k) 59.21十一 Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A) 功率MOSFET(减振钢板基本\u003d 55V的,的Rds(on)\u003d 0.07ohm,身份证\u003d 17A条) 55V,17A,N-Channel HEXFET Power MOSFET(55V,17A,N沟道 HEXFET功率MOS场效应管) 55V的,17A条,N沟道HEXFET功率MOSFET5V的,17A条,沟道的HEXFET功率马鞍山场效应管) 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRL3705Z IRL3705ZL IRL3705ZS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package AUTOMOTIVE MOSFET
|
IRF[International Rectifier]
|
IRF3205Z IRF3205ZL IRF3205ZS IRF3205ZLPBF IRF3205Z |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 Package 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB Package AUTOMOTIVE MOSFET
|
IRF[International Rectifier]
|
AM29F016D AM29F016D-120DPC1 AM29F016D-120DTI1 AM29 |
55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3505 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU3505 with Standard Packaging 80V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1312 with Standard Packaging EEPROM From old datasheet system 16 Mbit (2 M x 8-Bit)
|
AMD Inc
|
IRF1405Z IRF1405ZL IRF1405ZS |
AUTOMOTIVE MOSFET 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRFZ34NL IRFZ34NS IRFZ34NSTRL IRFZ34NSTRR |
30V N-Channel PowerTrench MOSFET 30V的N沟道的PowerTrench MOSFET 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier, Corp.
|
IRF7343TR IRF7343N IRF7343P |
55V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package 55V Single N-Channel HEXFET Power MOSFET in a SO-8 package 55V Single P-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
AM29F080-150EEB AM29F080-150SEB AM29F080-120FEB AM |
x8 Flash EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3303S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3502S with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3808S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3707Z with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3307 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7809AV with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB59N10D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2703 with Standard Packaging x8闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRFL024N with Lead Free Packaging x8闪存EEPROM 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRFI530N with Lead Free Packaging
|
Amphenol, Corp.
|
IRF9Z24N IRF9Z24NPBF |
-55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
|
IRF[International Rectifier]
|